Part Number Hot Search : 
GRM1885 MP4575 KIA78R09 10004 BYV26C LA5540 V54C3256 TB10S
Product Description
Full Text Search
 

To Download KMGXXXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 13 6 kmg series the kmg series capacitors are designed for general purpose use with an operating temperature range for most of these capacitors from 55 cto 105 c. the kmg series is a miniaturized version of the kme series with a load life of 1,000 hours at 105 c with the rated ripple current applied. the kmg series capacitors below 350 volts were developed to withstand hcfc cleaning agents for five minutes by ultrasonic, vapor or immersion. this solvent proof design allows all circuit board components to be cleaned together, at the same time, without resorting to more expensive epoxy end-sealed capacitors. refer to the mini-glossary for recommended cleaning conditions. miniature general purpose solvent proof 105 c maximum temperature radial lead terminals. capacitance range: 0.1 to 22,000f. voltage range: 6.3 to 450vdc. operating temperature range: 55 cto 105 c for 6.3 to 100v; 40 cto 105 c for 160 to 400v; 25 cto 105 c for 450v. leakage current: see specifications table for leakage current values at 20 c. standard capacitance tolerance: 20% nominal case size (d l): 5 11mm to 18 40mm. rated lifetime: 1,000 to 2,000 hours at 105 c with the rated ripple current applied, depending on rated voltage and case size. summary of specifications kmg miniature -105 c
kmg specifications kmg series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 13 7 at 20 c where i = leakage current ( a ), c = nominal capacitance ( f ) and v = rated voltage ( v ) item rated voltage range 6.3 to 100vdc 160 to 400vdc 40 to 105 c 450vdc 25 to 105 c operating temperature range 55 to 105 c capacitance range 0.1 to 22,000 f capacitance tolerance 20% ( m ) at 20 c, 120hz leakage current characteristics shelf life others the following specifications shall be satisfied when the capacitors are restored to 20 c after exposing them for 1,000 hours at 105 c without voltage applied. the rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. capacitance change: 20% of initial measured value tan (df) : 200% of initial specified value leakage current : initial specified value for 6.3 -100v : 500% of initial specified value for 160 - 450v satisfies characteristic w of jis c5141 load life the following specifications shall be satisfied when the capacitors are restored to 20 c after subjecting them to the dc rated voltage for the specified test time at 105 c with the rated ripple current applied. the sum of dc voltage and peak ac voltage must not exceed the full rated voltage of the capacitors. case diameter test time 5- 10mm 1,000 hours for 6.3 - 450v 12.5 - 18mm 1,000 hours for 6.3 -100v 2,000 hours for 160 - 450v capacitance change: 20% of initial measured value tan (df) : 200% of initial specified value leakage current : initial specified value dc rated voltage 6.3 -100v 160 - 450v test time after 1 minute after 1 minute after 5 minutes leakage current ( a) i 0.03cv or 4 a, whichever is greater. cv 1,000: i 0.1cv 40 cv > 1,000: i 0.04cv 100 cv 1,000: i 0.03cv 15 cv > 1,000: i 0.02cv 25 dissipation factor ( tan )at 20 c, 120hz when nominal capacitance exceeds 1,000 f, add 0.02 to the values above for each 1,000 f increase. rated voltage ( v ) tan (df) 6.3 0.34 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 160 - 250 0.20 350 - 450 0.24 350 - 400 6 6 450 6 rated voltage ( v ) z( 25 c) /z( 20 c) z( 40 c) /z( 20 c) 10 4 10 6.3 5 12 16 3 8 25 2 5 35 2 4 50 -100 2 3 160 - 250 3 4 low temperature characteristics at 120hz, impedance ( z ) ratio between the 25 c or 40 c value and 20 c value shall not exceed the values given below. ripple current multipliers refer to section 4 of the mini-glossary for explanation of ripple current multipliers. ambient temperature ( c) 85 c 1.75 105 c 1.00 frequency (hz ) capacitance ( f) 3.3 f 4.7- 33 f 47-1000 f 2200 f 50hz 0.65 0.75 0.80 0.85 120hz 1.00 1.00 1.00 1.00 300hz 1.35 1.25 1.15 1.03 1khz 1.75 1.50 1.30 1.05 10khz 2.30 1.75 1.40 1.08 100khz 2.50 1.80 1.50 1.08 kmg miniature -105 c
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 13 8 * the case sizes in table are with no sleeve, refer to diagram for case sizes with sleeve. kmg series rated voltage (wvdc) capacitance (f) catalog part number nominal case size* d l ( mm ) maximum ripple current ( ma rms) at 105 c, 120hz maximum esr ( ? ) at 20 c, 120hz standard voltage ratings - vb/radial lead 220 kmg6.3vb221m5x11ll 5 11 2.562 140 330 kmg6.3vb331m6x11ll 6.3 11 1.708 190 470 kmg6.3vb471m6x11ll 6.3 11 1.199 230 680 kmg6.3vb681m8x11ll 8 11.5 0.829 310 1,000 kmg6.3vb102m8x11ll 8 11.5 0.564 380 1,500 kmg6.3vb152m10x16ll 10 16 0.376 540 2,200 kmg6.3vb222m10x20ll 10 20 0.271 710 3,300 kmg6.3vb332m10x20ll 10 20 0.191 840 4,700 kmg6.3vb472m12x20ll 12.5 20 0.141 1,090 6,800 kmg6.3vb682m12x25ll 12.5 25 0.107 1,350 10,000 kmg6.3vb103m16x25ll 16 25 0.086 1,650 15,000 kmg6.3vb153m16x35ll 16 35.5 0.069 2,010 22,000 kmg6.3vb223m18x40ll 18 40 0.057 2,350 6.3 volts 8 volts surge lead length: ll is standard. case code: see case sizes in tables. capacitance tolerance: m = 20% capacitance value: expressed in microfarads. the first two digits are significant figures, and the third digit indicates the number of zeros for capacitance of 100 f or more. r indicates the decimal point for capacitance less than 100 f (e.g. r22 = .22 f; 2r2 = 2.2 f; 22r = 22 f; 221 = 220 f; 222 = 2,200 f; 223 = 22,000 f). lead configuration: vb = radial lead terminals. dc rated voltage: expressed in volts (e.g. 400 = 400wvdc). series name: indicates basic capacitor design. part numbering system for kmg series when ordering, always specify complete catalog number for kmg series. kmg 400 vb 22r m 12x25 ll vb/radial lead unit: mm diagram of dimensions d 5 6.3 8 10, 12.5 16, 18 d ' max. d 0.5 d 0.5 d 0.5 d 0.5 d 0.5 l ' max. l 1.5 l 1.5 l 1.5 l 1.5 l 1.5 d 0.5 0.5 0.6 0.6 0.8 f 0.5 2.0 2.5 3.5 5.0 7.5 kmg miniature -105 c f f f f 15 min. pvc sleeve d ' d vent (except 5) l ' l d 5 ~ 8 12.5 ~ 18 10 4 min. gas escape end seal for all case diameters. for optional lead configurations and tape and ammo packaging, refer to the beginning of the miniature section.
* the case sizes in table are with no sleeve, refer to diagram for case sizes with sleeve. kmg series rated voltage (wvdc) capacitance (f) catalog part number nominal case size* d l ( mm ) maximum ripple current ( ma rms) at 105 c, 120hz maximum esr ( ? ) at 20 c, 120hz standard voltage ratings - vb/radial lead united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 13 9 220 kmg10vb221m6x11ll 6.3 11 1.808 170 330 kmg10vb331m6x11ll 6.3 11 1.205 200 470 kmg10vb471m6x11ll 6.3 11 0.846 250 680 kmg10vb681m10x12ll 10 12.5 0.585 380 1,000 kmg10vb102m10x12ll 10 12.5 0.398 460 1,500 kmg10vb152m10x20ll 10 20 0.265 625 2,200 kmg10vb222m10x20ll 10 20 0.196 760 3,300 kmg10vb332m12x20ll 12.5 20 0.141 1,000 4,700 kmg10vb472m12x25ll 12.5 25 0.106 1,260 6,800 kmg10vb682m16x25ll 16 25 0.083 1,570 10,000 kmg10vb103m16x35ll 16 35.5 0.07 1,890 15,000 kmg10vb153m18x35ll 18 35.5 0.057 2,180 10 volts 13 volts surge 100 kmg16vb101m5x11ll 5 11 3.315 110 150 kmg16vb151m6x11ll 6.3 11 2.21 145 220 kmg16vb221m6x11ll 6.3 11 1.507 180 330 kmg16vb331m8x11ll 8 11.5 1.005 260 470 kmg16vb471m8x11ll 8 11.5 0.705 310 680 kmg16vb681m10x16ll 10 16 0.488 460 1,000 kmg16vb102m10x16ll 10 16 0.332 560 1,500 kmg16vb152m12x20ll 12.5 20 0.221 760 2,200 kmg16vb222m12x20ll 12.5 20 0.166 920 3,300 kmg16vb332m12x25ll 12.5 25 0.121 1,170 4,700 kmg16vb472m16x25ll 16 25 0.092 1,480 6,800 kmg16vb682m16x31ll 16 31.5 0.073 1,780 10,000 kmg16vb103m18x35ll 18 35.5 0.063 2,060 16 volts 20 volts surge 47 kmg25vb47rm5x11ll 5 11 5.643 80 68 kmg25vb68rm5x11ll 5 11 3.9 96 100 kmg25vb101m6x11ll 6.3 11 2.652 130 150 kmg25vb151m8x11ll 8 11.5 1.768 160 220 kmg25vb221m8x11ll 8 11.5 1.205 230 330 kmg25vb331m8x11ll 8 11.5 0.804 310 470 kmg25vb471m10x12ll 10 12.5 0.564 380 680 kmg25vb681m10x20ll 10 20 0.39 560 1,000 kmg25vb102m10x20ll 10 20 0.265 680 1,500 kmg25vb152m12x25ll 12.5 25 0.177 895 2,200 kmg25vb222m12x25ll 12.5 25 0.136 1,090 3,300 kmg25vb332m16x25ll 16 25 0.1 1,400 4,700 kmg25vb472m16x31ll 16 31.5 0.078 1,710 6,800 kmg25vb682m18x35ll 18 35.5 0.063 2,040 25 volts 32 volts surge 47 kmg35vb47rm5x11ll 5 11 4.937 90 68 kmg35vb68rm6x11ll 6.3 11 3.413 120 100 kmg35vb101m6x11ll 6.3 11 2.321 150 150 kmg35vb151m8x11ll 8 11.5 1.547 220 220 kmg35vb221m8x11ll 8 11.5 1.055 270 330 kmg35vb331m10x12ll 10 12.5 0.703 350 470 kmg35vb471m10x16ll 10 16 0.494 460 680 kmg35vb681m12x20ll 12.5 20 0.341 665 1,000 kmg35vb102m12x20ll 12.5 20 0.232 810 1,500 kmg35vb152m16x25ll 16 25 0.155 1,030 2,200 kmg35vb222m16x25ll 16 25 0.121 1,260 3,300 kmg35vb332m16x35ll 16 35.5 0.09 1,610 4,700 kmg35vb472m18x35ll 18 35.5 0.071 1,910 35 volts 44 volts surge kmg miniature -105 c
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 14 0 kmg series 3.3 kmg160vb3r3m6x11ll 6.3 11 100.455 28 4.7 kmg160vb4r7m6x11ll 6.3 11 70.532 34 10 kmg160vb10rm10x12ll 10 12.5 33.15 67 22 kmg160vb22rm10x20ll 10 20 15.068 120 33 kmg160vb33rm10x20ll 10 20 10.045 145 47 kmg160vb47rm12x20ll 12.5 20 7.053 195 100 kmg160vb101m16x25ll 16 25 3.315 335 220 kmg160vb221m16x31ll 16 31.5 1.507 540 330 kmg160vb331m18x35ll 18 35.5 1.005 705 160 volts 200 volts surge 0.47 kmg100vbr47m5x11ll 5 11 282.128 7.1 1.0 kmg100vb1r0m5x11ll 5 11 132.6 15 2.2 kmg100vb2r2m5x11ll 5 11 60.273 21 3.3 kmg100vb3r3m5x11ll 5 11 40.182 29 4.7 kmg100vb4r7m5x11ll 5 11 28.213 32 10 kmg100vb10rm6x11ll 6.3 11 13.26 54 22 kmg100vb22rm8x11ll 8 11.5 6.027 93 33 kmg100vb33rm8x11ll 8 11.5 4.018 130 47 kmg100vb47rm10x12ll 10 12.5 2.821 165 100 kmg100vb101m10x20ll 10 20 1.326 265 220 kmg100vb221m12x25ll 12.5 25 0.603 440 330 kmg100vb331m16x25ll 16 25 0.402 540 470 kmg100vb471m16x31ll 16 31.5 0.282 715 1,000 kmg100vb102m18x40ll 18 40 0.133 985 100 volts 125 volts surge * the case sizes in table are with no sleeve, refer to diagram for case sizes with sleeve. 0.1 kmg50vbr10m5x11ll 5 11 1,989.0 1.3 0.22 kmg50vbr22m5x11ll 5 11 904.091 2.9 0.33 kmg50vbr33m5x11ll 5 11 602.727 4.3 0.47 kmg50vbr47m5x11ll 5 11 423.191 6.2 1.0 kmg50vb1r0m5x11ll 5 11 198.9 13 2.2 kmg50vb2r2m5x11ll 5 11 90.409 20 3.3 kmg50vb3r3m5x11ll 5 11 60.273 25 4.7 kmg50vb4r7m5x11ll 5 11 42.319 30 10 kmg50vb10rm5x11ll 5 11 19.89 40 22 kmg50vb22rm5x11ll 5 11 9.041 65 33 kmg50vb33rm5x11ll 5 11 6.027 90 47 kmg50vb47rm6x11ll 6.3 11 4.232 110 68 kmg50vb68rm8x11ll 8 11.5 2.925 145 100 kmg50vb101m8x11ll 8 11.5 1.989 180 150 kmg50vb151m10x12ll 10 12.5 1.326 245 220 kmg50vb221m10x12ll 10 12.5 0.904 300 330 kmg50vb331m10x16ll 10 16 0.603 410 470 kmg50vb471m10x20ll 10 20 0.423 530 680 kmg50vb681m12x25ll 12.5 25 0.293 780 1,000 kmg50vb102m12x25ll 12.5 25 0.199 950 1,500 kmg50vb152m16x31ll 16 31.5 0.133 1,410 2,200 kmg50vb222m16x35ll 16 35.5 0.105 1,470 3,300 kmg50vb332m18x35ll 18 35.5 0.08 1,770 50 volts 63 volts surge 10 kmg63vb10rm5x11ll 5 11 16.575 46 22 kmg63vb22rm5x11ll 5 11 7.534 71 33 kmg63vb33rm6x11ll 6.3 11 5.023 100 47 kmg63vb47rm6x11ll 6.3 11 3.527 120 100 kmg63vb101m10x12ll 10 12.5 1.658 215 220 kmg63vb221m10x16ll 10 16 0.753 335 330 kmg63vb331m10x20ll 10 20 0.502 510 470 kmg63vb471m12x20ll 12.5 20 0.353 640 1,000 kmg63vb102m16x25ll 16 25 0.166 930 63 volts 79 volts surge rated voltage (wvdc) capacitance (f) catalog part number nominal case size* d l ( mm ) maximum ripple current ( ma rms) at 105 c, 120hz maximum esr ( ? ) at 20 c, 120hz standard voltage ratings - vb/radial lead kmg miniature -105 c
* the case sizes in table are with no sleeve, refer to diagram for case sizes with sleeve. 3.3 kmg200vb3r3m6x11ll 6.3 11 100.455 28 4.7 kmg200vb4r7m8x11ll 8 11.5 70.532 39 10 kmg200vb10rm10x16ll 10 16 33.15 74 22 kmg200vb22rm10x20ll 10 20 15.068 120 33 kmg200vb33rm12x20ll 12.5 20 10.045 160 47 kmg200vb47rm12x20ll 12.5 20 7.053 195 100 kmg200vb101m16x25ll 16 25 3.315 335 220 kmg200vb221m18x35ll 18 35.5 1.507 575 200 volts 250 volts surge 2.2 kmg250vb2r2m6x11ll 6.3 11 150.682 23 3.3 kmg250vb3r3m8x11ll 8 11.5 100.455 32 4.7 kmg250vb4r7m8x11ll 8 11.5 70.532 39 10 kmg250vb10rm10x16ll 10 16 33.15 74 22 kmg250vb22rm12x20ll 12.5 20 15.068 130 33 kmg250vb33rm12x20ll 12.5 20 10.045 160 47 kmg250vb47rm12x25ll 12.5 25 7.053 210 100 kmg250vb101m16x31ll 16 31.5 3.315 365 220 kmg250vb221m18x40ll 18 40 1.507 585 250 volts 300 volts surge 0.47 kmg350vbr47m6x11ll 6.3 11 846.383 11 1.0 kmg350vb1r0m6x11ll 6.3 11 397.8 15 2.2 kmg350vb2r2m8x11ll 8 11.5 180.818 26 3.3 kmg350vb3r3m10x12ll 10 12.5 120.545 38 4.7 kmg350vb4r7m10x16ll 10 16 84.638 50 10 kmg350vb10rm10x20ll 10 20 39.78 80 22 kmg350vb22rm12x20ll 12.5 20 18.082 130 33 kmg350vb33rm16x25ll 16 25 12.055 195 47 kmg350vb47rm16x25ll 16 25 8.464 230 100 kmg350vb101m18x31ll 18 31.5 3.978 375 350 volts 400 volts surge rated voltage (wvdc) capacitance (f) catalog part number nominal case size* d l ( mm ) maximum ripple current ( ma rms) at 105 c, 120hz maximum esr ( ? ) at 20 c, 120hz standard voltage ratings - vb/radial lead kmg series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 14 1 0.47 kmg400vbr47m8x11ll 8 11.5 846.383 10 1.0 kmg400vb1r0m6x11ll 6.3 11 397.8 15 2.2 kmg400vb2r2m8x11ll 8 11.5 180.818 26 3.3 kmg400vb3r3m10x12ll 10 12.5 120.545 38 4.7 kmg400vb4r7m10x16ll 10 16 84.638 50 10 kmg400vb10rm10x20ll 10 20 39.78 80 22 kmg400vb22rm12x25ll 12.5 25 18.082 145 33 kmg400vb33rm16x25ll 16 25 12.055 195 47 kmg400vb47rm16x31ll 16 31.5 8.464 250 400 volts 450 volts surge 0.47 kmg450vbr47m10x12ll 10 12.5 846.383 9 1.0 kmg450vb1r0m10x12ll 10 12.5 397.8 13 2.2 kmg450vb2r2m10x12ll 10 12.5 180.818 23 3.3 kmg450vb3r3m10x16ll 10 16 120.545 31 4.7 kmg450vb4r7m10x20ll 10 20 84.638 40 10 kmg450vb10rm12x20ll 12.5 20 39.78 65 22 kmg450vb22rm16x25ll 16 25 18.082 115 33 kmg450vb33rm16x31ll 16 31.5 12.055 155 47 kmg450vb47rm16x35ll 16 35.5 8.464 185 450 volts 500 volts surge not solvent proof not solvent proof not solvent proof kmg miniature -105 c
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 14 2 kmg series kmg miniature -105 c 20 0 10 (at 20 c) 10 capacitance change (%) capacitance change (%) dissipation factor ( tan ) impedance (ohms) temperature characteristics temperature characteristics kmg16vb221m6x11 kmg25vb221m8x11 kmg50vb10rm5x11 kmg50vb331m10x16 impedance frequency characteristics kmg16vb221m6x11 kmg25vb221m8x11 0.01 0.1 1 10 temperature ( c) dissipation factor ( tan ) temperature ( c) (at 20 c) impedance (ohms) 100 10 1 0.1 100 1k 10k 100k frequency (hz) impedance frequency characteristics 100 1k 10k 100k frequency (hz) 1k 100 10 1 0.1 kmg50vb10rm5x11 kmg50vb331m10x16 40 20 0 80 105 60 40 20 40 20 0 80 105 60 40 20 55 40 20 0 20 40 60 80 105 20 0 10 10 55 40 20 0 20 40 60 80 105 0.01 0.1 1 10 (at 120hz) (at 120hz)


▲Up To Search▲   

 
Price & Availability of KMGXXXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X